| 전자부품 데이터시트 검색엔진 |
|
OMAP3530ECUSA 데이터시트(PDF) 45 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECUSA 데이터시트(HTML) 45 Page - Texas Instruments |
|
45 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued) BALL BALL TOP PIN NAME MODE [4] TYPE [5] BALL BALL RESET REL. POWER [9] HYS [10] BUFFER PULLUP IO CELL [13] BOTTOM [1] [2] [3] RESET RESET REL. MODE [8] STRENG TH /DOWN STATE [6] STATE [7] (mA) [11] TYPE [12] hsusb2_tll_cl 6 O k AF7 NA etk_d11 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS hsusb2_stp 3 O gpio_25 4 IO mm2_rxdp 5 IO hsusb2_tll_st 6 I p AG7 NA etk_d12 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS hsusb2_dir 3 I gpio_26 4 IO hsusb2_tll_di 6 O r AH7 NA etk_d13 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS hsusb2_nxt 3 I gpio_27 4 IO mm2_rxdm 5 IO hsusb2_tll_n 6 O xt AG8 NA etk_d14 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS hsusb2_ 3 IO data0 gpio_28 4 IO mm2_rxrcv 5 IO hsusb2_tll_ 6 IO data0 AH8 NA etk_d15 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS hsusb2_ 3 IO data1 gpio_29 4 IO mm2_txse0 5 IO hsusb2_tll_ 6 IO data1 AE9, AE18, NA vdd_core 0 PWR - - - - - - - - AE19, AE24, AC4, Y16, Y18, Y19, Y20, W18, W20, V20, U19, U20, T19, P20, N19, N20, M19, M25, L25, K18, K20, J4, J18, J19, J20, H4, E25, D8, D9, D15, D22, D23 Y9, Y10, NA vdd_mpu 0 PWR - - - - - - - - Y11, Y14, _iva Y15, W9, W11, W12, W15, U10, T9, T10, R9, R10, N10, M9, M10, L9, L10, K11, K14, K13, J9, J10, J11, J14, J15 AH6, U1, R4, NA vdds_mem 0 PWR - - - - - - - - J1, J2, G28, F1, F2, D16, C16, C28, B5, B8, B12, B18, B22, A5, A8, A12, A18, A22 Copyright © 2008–2013, Texas Instruments Incorporated TERMINAL DESCRIPTION 45 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |