전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STMPE321QTR 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 STMPE321QTR
상세설명  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321QTR 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button STMPE321QTR Datasheet HTML 19Page - STMicroelectronics STMPE321QTR Datasheet HTML 20Page - STMicroelectronics STMPE321QTR Datasheet HTML 21Page - STMicroelectronics STMPE321QTR Datasheet HTML 22Page - STMicroelectronics STMPE321QTR Datasheet HTML 23Page - STMicroelectronics STMPE321QTR Datasheet HTML 24Page - STMicroelectronics STMPE321QTR Datasheet HTML 25Page - STMicroelectronics STMPE321QTR Datasheet HTML 26Page - STMicroelectronics STMPE321QTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
STMPE321
GPIO controller
Doc ID 15791 Rev 3
23/40
The function of each bit is shown inTable 9:
Table 9.
GPIO control bits function
Register name
Function
GPIO monitor pin state
Reading this bit yields the current state of the bit. Writing has no
effect.
GPIO set pin state
Writing '1' to this bit causes the corresponding GPIO to go to '1' state
Writing '0' to this bit causes the corresponding GPIO to go to '0' state
GPIO set pin direction
'0' sets the corresponding GPIO to input state, and '1' sets it to output
state. All bits are '0' on reset.
GPIO function
'1' sets the corresponding GPIO to function as GPIO, and '0' sets it to
touchkey mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40