| 전자부품 데이터시트 검색엔진 |
|
PIC18F4331 데이터시트(PDF) 92 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 데이터시트(HTML) 92 Page - Microchip Technology |
|
92 / 396 page ![]() PIC18F2331/2431/4331/4431 DS39616B-page 90 Preliminary 2003 Microchip Technology Inc. Example 8-3 shows the sequence to do a 16 x 16 unsigned multiply. Equation 8-1 shows the algorithm that is used. The 32-bit result is stored in four registers, RES3:RES0. EQUATION 8-1: 16 x 16 UNSIGNED MULTIPLICATION ALGORITHM EXAMPLE 8-3: 16 x 16 UNSIGNED MULTIPLY ROUTINE Example 8-4 shows the sequence to do a 16 x 16 signed multiply. Equation 8-2 shows the algorithm used. The 32-bit result is stored in four registers, RES3:RES0. To account for the sign bits of the argu- ments, each argument pair’s Most Significant bit (MSb) is tested, and the appropriate subtractions are done. EQUATION 8-2: 16 x 16 SIGNED MULTIPLICATION ALGORITHM EXAMPLE 8-4: 16 x 16 SIGNED MULTIPLY ROUTINE MOVFARG1L, W MULWFARG2L ; ARG1L * ARG2L -> ; PRODH:PRODL MOVFFPRODH, RES1 ; MOVFFPRODL, RES0 ; ; MOVFARG1H, W MULWFARG2H ; ARG1H * ARG2H -> ; PRODH:PRODL MOVFFPRODH, RES3 ; MOVFFPRODL, RES2 ; ; MOVFARG1L, W MULWFARG2H ; ARG1L * ARG2H -> ; PRODH:PRODL MOVFPRODL, W ; ADDWFRES1, F ; Add cross MOVFPRODH, W ; products ADDWFCRES2, F ; CLRFWREG ; ADDWFCRES3, F ; ; MOVFARG1H, W ; MULWFARG2L ; ARG1H * ARG2L -> ; PRODH:PRODL MOVFPRODL, W ; ADDWFRES1, F ; Add cross MOVFPRODH, W ; products ADDWFCRES2, F ; CLRFWREG ; ADDWFCRES3, F ; RES3:RES0 = ARG1H:ARG1L • ARG2H:ARG2L = (ARG1H • ARG2H • 216)+ (ARG1H • ARG2L • 28)+ (ARG1L • ARG2H • 28)+ (ARG1L • ARG2L) MOVF ARG1L, W MULWF ARG2L ; ARG1L * ARG2L -> ; PRODH:PRODL MOVFF PRODH, RES1 ; MOVFF PRODL, RES0 ; ; MOVF ARG1H, W MULWF ARG2H ; ARG1H * ARG2H -> ; PRODH:PRODL MOVFF PRODH, RES3 ; MOVFF PRODL, RES2 ; ; MOVF ARG1L, W MULWF ARG2H ; ARG1L * ARG2H -> ; PRODH:PRODL MOVF PRODL, W ; ADDWF RES1, F ; Add cross MOVF PRODH, W ; products ADDWFC RES2, F ; CLRF WREG ; ADDWFC RES3, F ; ; MOVF ARG1H, W ; MULWF ARG2L ; ARG1H * ARG2L -> ; PRODH:PRODL MOVF PRODL, W ; ADDWF RES1, F ; Add cross MOVF PRODH, W ; products ADDWFC RES2, F ; CLRF WREG ; ADDWFC RES3, F ; ; BTFSS ARG2H, 7 ; ARG2H:ARG2L neg? BRA SIGN_ARG1 ; no, check ARG1 MOVF ARG1L, W ; SUBWF RES2 ; MOVF ARG1H, W ; SUBWFB RES3 ; SIGN_ARG1 BTFSS ARG1H, 7 ; ARG1H:ARG1L neg? BRA CONT_CODE ; no, done MOVF ARG2L, W ; SUBWF RES2 ; MOVF ARG2H, W ; SUBWFB RES3 ; CONT_CODE : RES3:RES0 = ARG1H:ARG1L • ARG2H:ARG2L = (ARG1H • ARG2H • 216)+ (ARG1H • ARG2L • 28)+ (ARG1L • ARG2H ² 28)+ (ARG1L • ARG2L)+ (-1 • ARG2H<7> • ARG1H:ARG1L • 216)+ (-1 • ARG1H<7> • ARG2H:ARG2L • 216) |