| 전자부품 데이터시트 검색엔진 |
|
PIC18F4331 데이터시트(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 데이터시트(HTML) 18 Page - Microchip Technology |
|
18 / 396 page ![]() PIC18F2331/2431/4331/4431 DS39616B-page 16 Preliminary 2003 Microchip Technology Inc. PORTB is a bidirectional I/O port. PORTB can be software programmed for internal weak pull-ups on all inputs. RB0/PWM0 RB0 PWM0 33 8 9 I/O O TTL TTL Digital I/O. PWM output 0. RB1/PWM1 RB1 PWM1 34 9 10 I/O O TTL TTL Digital I/O. PWM output 1. RB2/PWM2 RB2 PWM2 35 10 11 I/O O TTL TTL Digital I/O. PWM output 2. RB3/PWM3 RB3 PWM3 36 11 12 I/O O TTL TTL Digital I/O. PWM output 3. RB4/KBI0/PWM5 RB4 KBI0 PWM5 37 14 14 I/O I O TTL TTL TTL Digital I/O. Interrupt-on-change pin. PWM output 5. RB5/KBI1/PWM4/ PGM RB5 KBI1 PWM4 PGM 38 15 15 I/O I O I/O TTL TTL TTL ST Digital I/O. Interrupt-on-change pin. PWM output 4. Low-voltage ICSP programming entry pin. RB6/KBI2/PGC RB6 KBI2 PGC 39 16 16 I/O I I/O TTL TTL ST Digital I/O. Interrupt-on-change pin. In-Circuit Debugger and ICSP programming clock pin. RB7/KBI3/PGD RB7 KBI3 PGD 40 17 17 I/O I I/O TTL TTL ST Digital I/O. Interrupt-on-change pin. In-Circuit Debugger and ICSP programming data pin. TABLE 1-3: PIC18F4331/4431 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description DIP TQFP QFN Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power OD = Open-Drain (no diode to VDD) |