| 전자부품 데이터시트 검색엔진 |
|
PIC18F4331 데이터시트(PDF) 132 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 데이터시트(HTML) 132 Page - Microchip Technology |
|
132 / 396 page ![]() PIC18F2331/2431/4331/4431 DS39616B-page 130 Preliminary 2003 Microchip Technology Inc. FIGURE 10-28: RE2:RE0 BLOCK DIAGRAM FIGURE 10-29: RE3 BLOCK DIAGRAM Data Bus WR LATE WR TRISE Data Latch TRIS Latch RD TRISE Q D Q CK QD EN Q D Q CK P N VDD VSS RD PORTE RE<0:2> or PORTE RD LATE Schmitt Trigger TTL To A/D Converter ch. AN6 or AN7 or AN8 Analog Input Mode Pins MCLR/VPP/RE3 Data Bus RD PORTE RD LATE Schmitt Trigger MCLRE RD TRISE QD EN Latch FILTER HV Low Level MCLR Detect High Voltage Detect Internal MCLR MCLRE Note 1: Pin requires special protection due to HV. |