전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACST310-8FP 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 ACST310-8FP
상세설명  Overvoltage protected AC switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST310-8FP 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button ACST310-8FP Datasheet HTML 4Page - STMicroelectronics ACST310-8FP Datasheet HTML 5Page - STMicroelectronics ACST310-8FP Datasheet HTML 6Page - STMicroelectronics ACST310-8FP Datasheet HTML 7Page - STMicroelectronics ACST310-8FP Datasheet HTML 8Page - STMicroelectronics ACST310-8FP Datasheet HTML 9Page - STMicroelectronics ACST310-8FP Datasheet HTML 10Page - STMicroelectronics ACST310-8FP Datasheet HTML 11Page - STMicroelectronics ACST310-8FP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Application information
ACST310-8FP
8/14
DocID027577 Rev 2
Figure 16. Phase angle control typical diagram (inductive or resistive load)
2.2
AC line transient voltage ruggedness
In comparison with standard Triacs, which are not robust against surge voltage, the
ACST310 is self-protected against over-voltage, specified by the parameter VCL. In addition,
the ACST310 is a sensitive device (IGT max. 10 mA), but provides a high noise immunity
level against fast transients. The ACST310 switch can safely withstand AC line transient
voltages either by clamping the low energy spikes, such as inductive spikes at switch off, or
by switching to the on state (for less than 10 ms) to dissipate higher energy shocks through
the load. This safety feature works even with high turn-on current ramp up.
The test circuit of Figure 17 represents the ACST310 application, and is used to stress the
ACST310 switch according to the IEC 61000-4-5 standard conditions. With the additional
effect of the load which is limiting the current, the ACST310 switch withstands the voltage
spikes up to 2 kV on top of the peak line voltage. The protection is based on an overvoltage
crowbar technology. The ACST310 folds back safely to the on state as shown in Figure 18.
The ACST310 recovers its blocking voltage capability after the surge and the next zero
current crossing. Such a non-repetitive test can be done at least 10 times on each AC line
voltage polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com