전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACST310-8FP 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 ACST310-8FP
상세설명  Overvoltage protected AC switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST310-8FP 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button ACST310-8FP Datasheet HTML 6Page - STMicroelectronics ACST310-8FP Datasheet HTML 7Page - STMicroelectronics ACST310-8FP Datasheet HTML 8Page - STMicroelectronics ACST310-8FP Datasheet HTML 9Page - STMicroelectronics ACST310-8FP Datasheet HTML 10Page - STMicroelectronics ACST310-8FP Datasheet HTML 11Page - STMicroelectronics ACST310-8FP Datasheet HTML 12Page - STMicroelectronics ACST310-8FP Datasheet HTML 13Page - STMicroelectronics ACST310-8FP Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application information
ACST310-8FP
10/14
DocID027577 Rev 2
2.3
Electrical noise immunity
The ACST310 is a sensitive device (IGT max. 10 mA) and can be controlled directly through
a simple resistor by a logic level circuit, and still provides a high electrical noise immunity.
The intrinsic immunity of the ACST310 is shown by the specified dV/dt equal to 1000 V/μs at
125 °C. This immunity level is 5 to 10 times higher than the immunity provided by an
equivalent standard technology Triac with the same sensitivity. In other words, the ACST310
with IGT = 10 mA has immunity comparable only for higher gate current device (IGT higher
than 35 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com