전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FERD60U45C 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 FERD60U45C
상세설명  ST advanced rectifier process
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD60U45C 데이터시트(HTML) 1 Page - STMicroelectronics

  FERD60U45C Datasheet HTML 1Page - STMicroelectronics FERD60U45C Datasheet HTML 2Page - STMicroelectronics FERD60U45C Datasheet HTML 3Page - STMicroelectronics FERD60U45C Datasheet HTML 4Page - STMicroelectronics FERD60U45C Datasheet HTML 5Page - STMicroelectronics FERD60U45C Datasheet HTML 6Page - STMicroelectronics FERD60U45C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
November 2013
DocID024893 Rev 1
1/7
FERD60U45C
Field effect rectifier
Datasheet
- production data
Features
 ST advanced rectifier process
 Stable leakage current over reverse voltage
 Low forward voltage drop
 High frequency operation
Description
This dual rectifier is based on a proprietary
technology that achieves the best in class VF/IR
for a given silicon surface.
Packaged in TO-220AB, this device is intended to
be used in switch mode power supplies, or
automotive applications
K
A2
A1
K
A1K
A2
TO-220AB
FERD60U45CT
Table 1. Device summary
IF(AV)
2 x 30 A
VRRM
45 V
VF(typ)
0.345 V
www.st.com


유사한 부품 번호 - FERD60U45C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
FERD60H100C-Y STMICROELECTRONICS-FERD60H100C-Y Datasheet
196Kb / 8P
100 V, 2 x 30 A field-effect rectifier diode
06-Apr-2021
FERD60H100CGY-TR STMICROELECTRONICS-FERD60H100CGY-TR Datasheet
196Kb / 8P
100 V, 2 x 30 A field-effect rectifier diode
06-Apr-2021
FERD60M45C STMICROELECTRONICS-FERD60M45C Datasheet
138Kb / 7P
Stable leakage current over reverse voltage
13-Nov-2013
More results

유사한 설명 - FERD60U45C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
FERD30M45CT STMICROELECTRONICS-FERD30M45CT Datasheet
96Kb / 8P
ST advanced rectifier
12-Nov-2012
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com