| 전자부품 데이터시트 검색엔진 |
|
HAL855 데이터시트(PDF) 38 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL855 데이터시트(HTML) 38 Page - Micronas |
|
38 / 102 page ![]() HAL8xy, HAL100x APPLICATION NOTE Programmer Board 38 Sept. 19, 2013; APN000046_03EN Micronas Examples: Note: Blanks are given for better readability only 5.2.0.1. HAL805, HAL815, HAL817, HAL810 and HAL1000 STX j 1 ETX // set board operation mode STX n ETX // power on STX z U ETX // set bit time slow CHR$(85) = ’U’ STX q 2 0 2 1 ETX // read register no. 2 STX e 3 1 2 1 0 0 0 A 1 ETX // write register no. 2 // store sequence start ---------------------------------------------------------------- STX u CHR$(100) ETX // set programming time STX m 5 1 1 1 ETX // ERASE STX m 4 0 1 1 ETX // PROM // store sequence end ----------------------------------------------------------------- STX e 3 1 F 0 0 8 0 F 0 ETX // deactivate sensors STX h 1 CHR$(25) ETX // select sensor 1 // lock sequence start ----------------------------------------------------------------- STX u CHR$(100) ETX // set programming time STX l 7 0 6 0 5 1 1 1 ETX // LOCK-ERASE // lock sequence end ------------------------------------------------------------------ |