전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LET9060 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 LET9060
상세설명  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9060 데이터시트(HTML) 1 Page - STMicroelectronics

  LET9060 Datasheet HTML 1Page - STMicroelectronics LET9060 Datasheet HTML 2Page - STMicroelectronics LET9060 Datasheet HTML 3Page - STMicroelectronics LET9060 Datasheet HTML 4Page - STMicroelectronics LET9060 Datasheet HTML 5Page - STMicroelectronics LET9060 Datasheet HTML 6Page - STMicroelectronics LET9060 Datasheet HTML 7Page - STMicroelectronics LET9060 Datasheet HTML 8Page - STMicroelectronics LET9060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
February 2011
Doc ID 010019 Rev 1
1/11
11
LET9060
RF power transistor, LdmoST plastic family
N-channel enhancement-mode lateral MOSFETs
Features
Excellent thermal stability
Common source configuration
POUT = 60 W with 17.2 dB gain @ 960 MHz /
28 V
New RF plastic package
Description
The LET9060 is a common source N-channel,
enhancement-mode lateral field-effect RF power
MOSFET. It is designed for high gain, broadband,
commercial and industrial applications. It
operates at 28 V in common source mode at
frequencies of up to 1 GHz. LET9060 boasts the
excellent gain, linearity and reliability of ST’s
latest LDMOS technology mounted in the first true
SMD plastic RF power package, PowerSO-10RF.
LET9060’s superior linearity performance makes
it an ideal solution for base station applications.
The PowerSO-10 plastic package, designed to
offer high reliability, is the first ST JEDEC
approved, high power SMD package. It has been
specially optimized for RF needs and offers
excellent RF performances and ease of assembly.
Figure 1.
Pin connection
PowerSO-10RF
(formed lead)
PowerSO-10RF
(straight lead)
Gate
Source
Drain
Table 1.
Device summary
Order codes
Packages
Marking
Packaging
LET9060
PowerSO-10RF (formed lead)
LET9060
Tube
LET9060S
PowerSO-10RF (straight lead)
LET9060S
Tube
LET9060TR
PowerSO-10RF (formed lead)
LET9060
Tape and reel
LET9060STR
PowerSO-10RF (straight lead)
LET9060S
Tape and reel
www.st.com


유사한 부품 번호 - LET9060

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LET9060C STMICROELECTRONICS-LET9060C Datasheet
36Kb / 5P
RF POWER TRANSISTORS Ldmos Enhanced Technology
04-Nov-2002
LET9060F STMICROELECTRONICS-LET9060F Datasheet
164Kb / 9P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
April 2011 Rev 3
LET9060S STMICROELECTRONICS-LET9060S Datasheet
296Kb / 10P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
25-Mar-2003
More results

유사한 설명 - LET9060

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
29-Apr-2006
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Aug-2007
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-May-2007
PD85015-E STMICROELECTRONICS-PD85015-E Datasheet
251Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
06-Jul-2009
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
25-May-2010
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-Jan-2007
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Dec-2015
STAP57045 STMICROELECTRONICS-STAP57045 Datasheet
366Kb / 17P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
26-Mar-2009
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
02-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com