전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LET9060 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 LET9060
상세설명  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9060 데이터시트(HTML) 3 Page - STMicroelectronics

  LET9060 Datasheet HTML 1Page - STMicroelectronics LET9060 Datasheet HTML 2Page - STMicroelectronics LET9060 Datasheet HTML 3Page - STMicroelectronics LET9060 Datasheet HTML 4Page - STMicroelectronics LET9060 Datasheet HTML 5Page - STMicroelectronics LET9060 Datasheet HTML 6Page - STMicroelectronics LET9060 Datasheet HTML 7Page - STMicroelectronics LET9060 Datasheet HTML 8Page - STMicroelectronics LET9060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LET9060
Electrical characteristics
Doc ID 010019 Rev 1
3/11
2
Electrical characteristics
TC = 25 °C
Table 4.
Static
Symbol
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
VGS = 0 V; IDS = 10 mA
80
V
IDSS
VGS = 0 V; VDS = 28 V
1
µA
IGSS
VGS = 5 V; VDS = 0 V
1
µA
VGS(Q)
VDS = 28 V; ID = 100 mA
2.0
5.0
V
VDS(ON)
VGS = 10 V; ID = 3 A
0.8
1.2
V
GFS
VDS = 10 V; ID = 3 A
2.5
mho
CISS
VGS = 0 V; VDS = 28 V; f = 1 MHz
77
pF
COSS
VGS = 0 V; VDS = 28 V; f = 1 MHz
39
pF
CRSS
VGS = 0 V; VDS = 28 V; f = 1 MHz
1.2
pF
Table 5.
Dynamic
Symbol
Test conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 28 V; IDQ = 300 mA; f = 960 MHz
60
80
-
W
GPS
VDD = 28 V; IDQ = 300 mA; POUT = 60 W; f = 960 MHz
16
17.2
-
dB
η
D
VDD = 28 V; IDQ = 300 mA; PIN = 2 W; f = 960 MHz
60
70
-
%
Load
mismatch
VDD = 28 V; IDQ = 300 mA; POUT = 60 W; f = 960 MHz
All phase angles
20:1
VSWR
Table 6.
ESD protection characteristics
Test conditions
Class
Human body model
2
Machine model
M3
Table 7.
Moisture sensitivity level
Test conditions
Rating
J-STD-020B
MSL 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com