전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMS001-R 데이터시트(PDF) 27 Page - Silicon Laboratories

부품명 AMS001-R
상세설명  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS001-R 데이터시트(HTML) 27 Page - Silicon Laboratories

Back Button AMS001-R Datasheet HTML 21Page - Silicon Laboratories AMS001-R Datasheet HTML 22Page - Silicon Laboratories AMS001-R Datasheet HTML 23Page - Silicon Laboratories AMS001-R Datasheet HTML 24Page - Silicon Laboratories AMS001-R Datasheet HTML 25Page - Silicon Laboratories AMS001-R Datasheet HTML 26Page - Silicon Laboratories AMS001-R Datasheet HTML 27Page - Silicon Laboratories AMS001-R Datasheet HTML 28Page - Silicon Laboratories AMS001-R Datasheet HTML 29Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Ordering Information, Section 9
ADS-MS00x-107R • Preliminary Data Sheet
Page | 23
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
9 Ordering Information
AMS00x modules are available individually or in a reel of 1000 units as described in the tables below.
Table 13. AMS001 Ordering Information
Part Number
Description
AMS001/S
1 x AMS001 module with TruConnect pre-installed. Each module is individually packaged in an
ESD bag.
AMS001/R
A single reel containing 1000 x AMS001 modules, each with TruConnect pre-installed.
The entire reel is packaged in an ESD and MSL3-rated moisture sensitive bag.
Table 14. AMS002 Ordering Information
Part Number
Description
AMS002/S
1 x AMS002 module with TruConnect pre-installed. Each module is individually packaged in an
ESD bag.
AMS002/R
A single reel containing 1000 x AMS002 modules, each with TruConnect pre-installed.
The entire reel is packaged in an ESD and MSL3-rated moisture sensitive bag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29