전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A6984 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 A6984
상세설명  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 3Page - STMicroelectronics A6984 Datasheet HTML 4Page - STMicroelectronics A6984 Datasheet HTML 5Page - STMicroelectronics A6984 Datasheet HTML 6Page - STMicroelectronics A6984 Datasheet HTML 7Page - STMicroelectronics A6984 Datasheet HTML 8Page - STMicroelectronics A6984 Datasheet HTML 9Page - STMicroelectronics A6984 Datasheet HTML 10Page - STMicroelectronics A6984 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
DocID030396 Rev 1
7/47
A6984
Electrical characteristics
47
2
Electrical characteristics
TJ = -40 to 125 °C, VIN = VEN = 12 V, VBIAS = 3.3 V unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
VIN
Operating input voltage range
-
4.5
36
V
VIN_UVLO UVLO thresholds
Rising edge VCC regulator
VBIAS = GND
-3.1
3.8
4.5
Falling edge VCC regulator
VBIAS = GND
-2.9
3.6
4.3
VOUT
Fixed output voltage valley
regulation
FB = VCC, no load
-
3.23
3.3
3.37
VFB
Adjustable output voltage
valley regulation
No load
-
0.88
0.9
0.92
RDSON HS High-side RDSON
ISW = 0.1 A
-
0.6
1.3
2.2
RDSON LS Low-side RDSON
ISW = 0.1 A
-
0.4
1.0
1.9
TOFF
Minimum Low-side conduction
time
VIN = VEN = 4.5 V
-
100
200
400
ns
Current limit and zero crossing comparator
IVY
Valley current limit
-
-
350
400
470
mA
IZCD
Zero crossing current threshold -
(1)
12
27
46
VCC regulator
VCC
VCC voltage
VFB = 1 V, VBIAS = GND
-
3
3.8
4.6
V
VBIAS
VBIAS falling threshold
-
-
2.4
2.6
2.8
VBIAS rising threshold
-
-
2.6
2.9
3.2
Power consumption
ISHTDWN
Shutdown current from VIN
EN = GND
-
313
22
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com