전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM8801 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 PM8801
상세설명  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 25Page - STMicroelectronics PM8801 Datasheet HTML 26Page - STMicroelectronics PM8801 Datasheet HTML 27Page - STMicroelectronics PM8801 Datasheet HTML 28Page - STMicroelectronics PM8801 Datasheet HTML 29Page - STMicroelectronics PM8801 Datasheet HTML 30Page - STMicroelectronics PM8801 Datasheet HTML 31Page - STMicroelectronics PM8801 Datasheet HTML 32Page - STMicroelectronics PM8801 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
DocID018560 Rev 2
29/37
PM8801
PWM controller
The same delay time is set between the GAT1 falling edge and the subsequent GAT2 falling
edge.
The useful range for RDT is between 5 k to 200 kΩ. A resistor should always be connected
to this pin.
Figure 14. Delay time vs. RDT
Figure 15. Timing relationship between output drivers as a function of DT
AM045046v1
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 170 180 190 200
DT [ns]
RDT[KΩ]
GAT2
GAT1
DT
DT
AM045047v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37