전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STLED325 데이터시트(PDF) 51 Page - STMicroelectronics

부품명 STLED325
상세설명  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 데이터시트(HTML) 51 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 47Page - STMicroelectronics STLED325 Datasheet HTML 48Page - STMicroelectronics STLED325 Datasheet HTML 49Page - STMicroelectronics STLED325 Datasheet HTML 50Page - STMicroelectronics STLED325 Datasheet HTML 51Page - STMicroelectronics STLED325 Datasheet HTML 52Page - STMicroelectronics STLED325 Datasheet HTML 53Page - STMicroelectronics STLED325 Datasheet HTML 54Page - STMicroelectronics STLED325 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
STLED325
Commands
Doc ID 17576 Rev 1
51/62
7.5
Display control and hotkey setting command
Bits b7-b6 = 10 is decoded as a display control and hotkey setting command. The
subsequent bits are decoded as follows:
b5 = 0: sets display control for dimming setting as shown in the table below.
Display control and dimming setting when b5 = 0
b3.b0: sets dimming quantity.
0000: sets pulse width to 1/16.
0001: sets pulse width to 2/16.
0010: sets pulse width to 3/16.
0011: sets pulse width to 4/16.
0100: sets pulse width to 5/16.
0101: sets pulse width to 6/16.
0110: sets pulse width to 7/16.
0111: sets pulse width to 8/16.
1000: sets pulse width to 9/16.
1001: sets pulse width to 10/16 (default and recommended)
1010: sets pulse width to 11/16.
1011: sets pulse width to 12/16.
1100: sets pulse width to 13/16.
1101: sets pulse width to 14/16.
1110: sets pulse width to 15/16.
1111: sets pulse width to 16/16.
Figure 19.
Blanking time
b4: Turns on/off display
1
0
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62