전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TNETV1647GSTZWT 데이터시트(PDF) 221 Page - Texas Instruments

Click here to check the latest version.
부품명 TNETV1647GSTZWT
상세설명  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT 데이터시트(HTML) 221 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 217Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 218Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 219Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 220Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 221Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 222Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 223Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 224Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 225Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 6-105. VLYNQ Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01E0 1044
AUTNGO
VLYNQ Local Auto Negotiation Register
0x01E0 1048
-
Reserved
0x01E0 104C
-
Reserved
0x01E0 1050 - 0x01E0 105C
-
Reserved
0x01E0 1060
-
Reserved
0x01E0 1064
-
Reserved
0x01E0 1068 - 0x01E0 107C
-
Reserved for future use
0x01E0 1080
RREVID
VLYNQ Remote Revision Register
0x01E0 1084
RCTRL
VLYNQ Remote Control Register
0x01E0 1088
RSTAT
VLYNQ Remote Status Register
0x01E0 108C
RINTPRI
VLYNQ Remote Interrupt Priority Vector Status/Clear Register
0x01E0 1090
RINTSTATCLR
VLYNQ Remote Unmasked Interrupt Status/Clear Register
0x01E0 1094
RINTPENDSET
VLYNQ Remote Interrupt Pending/Set Register
0x01E0 1098
RINTPTR
VLYNQ Remote Interrupt Pointer Register
0x01E0 109C
RXAM
VLYNQ Remote Transmit Address Map Register
0x01E0 10A0
RRAMS1
VLYNQ Remote Receive Address Map Size 1 Register
0x01E0 10A4
RRAMO1
VLYNQ Remote Receive Address Map Offset 1 Register
0x01E0 10A8
RRAMS2
VLYNQ Remote Receive Address Map Size 2 Register
0x01E0 10AC
RRAMO2
VLYNQ Remote Receive Address Map Offset 2 Register
0x01E0 10B0
RRAMS3
VLYNQ Remote Receive Address Map Size 3 Register
0x01E0 10B4
RRAMO3
VLYNQ Remote Receive Address Map Offset 3 Register
0x01E0 10B8
RRAMS4
VLYNQ Remote Receive Address Map Size 4 Register
0x01E0 10BC
RRAMO4
VLYNQ Remote Receive Address Map Offset 4 Register
VLYNQ Remote Chip Version Register (values on the device_id and
0x01E0 10C0
RCHIPVER
device_rev pins of remote VLYNQ)
0x01E0 10C4
RAUTNGO
VLYNQ Remote Auto Negotiation Register
0x01E0 10C8
RMANNGO
VLYNQ Remote Manual Negotiation Register
0x01E0 10CC
RNGOSTAT
VLYNQ Remote Negotiation Status Register
0x01E0 10D0 - 0x01E0 10DC
-
Reserved
VLYNQ Remote Interrupt Vectors 3 - 0 (sourced from vlynq_int_i[3:0] port of
0x01E0 10E0
RINTVEC0
remote VLYNQ)
VLYNQ Remote Interrupt Vectors 7 - 4 (sourced from vlynq_int_i[7:4] port of
0x01E0 10E4
RINTVEC1
remote VLYNQ)
0x01E0 10E8 - 0x01E0 10FC
-
Reserved for future use
0x01E0 1100 - 0x01E0 1FFF
-
Reserved
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
221
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com