전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TNETV1647GSTZWT 데이터시트(PDF) 226 Page - Texas Instruments

Click here to check the latest version.
부품명 TNETV1647GSTZWT
상세설명  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT 데이터시트(HTML) 226 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 222Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 223Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 224Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 225Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 226Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 227Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 228Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 229Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 230Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 236 page
background image
Valid
MS_CLK
MS_DATA
1
2
Valid
MS_CLK
MS_DATA
MS_BS
3
4
5
6
8
10
11
13
9
7
12
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
Table 6-112. Timing Requirements for Memory Stick/Memory Stick PRO Parallel Interface
(see Figure 6-78)
1.05 V
1.2 V
NO.
UNIT
MIN
MAX
MIN
MAX
1
tsu(DV-MSCLKf)
Setup time, data valid before MS_CLK falling edge
6
ns
2
th(MCLKf-DV)
Hold time, data valid after MS_CLK falling edge
2
2
ns
Figure 6-78. Memory Stick/Memory Stick PRO Parallel Interface Input Timing
Table 6-113. Switching Characteristics Over Recommended Operating Conditions for Memory
Stick/Memory Stick PRO Parallel Interface (see Figure 6-79)
1.05 V
1.2 V
NO.
PARAMETER
UNIT
MIN
MAX
MIN MAX
3
f(MS_CLK)
MS_CLK frequency
40
40
MHz
4
tw(MS_CLKH)
Pulse duration, MS_CLK high
5
5
ns
5
tw(MS_CLKL)
Pulse duration, MS_CLK low
5
5
ns
6
tf(MS_CLK)
Fall time, MS_CLK
5
5
ns
7
tr(MS_CLK)
Rise time, MS_CLK
5
5
ns
8
td(MS_CLK - MS_BSV)
Delay time, MS_CLK falling edge to MS_BS valid
2
16
2
16
ns
9
tf(MS_BS)
Fall time, MS_BS
5
5
ns
10
tr(MS_BS)
Rise time, MS_BS
5
5
ns
11
td(MS_CLK - MS_DATxV)
Delay time, MS_CLK falling edge to MS_DATx valid
2
16.6
2
16
ns
12
tf(MS_DATx)
Fall time, MS_DATx
5
5
ns
13
tr(MS_DATx)
Rise time, MS_DATx
5
5
ns
Figure 6-79. Memory Stick/Memory Stick PRO Parallel Interface Output Timing
226
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com