| 전자부품 데이터시트 검색엔진 |
|
STSPIN32F0 데이터시트(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN32F0 데이터시트(HTML) 15 Page - STMicroelectronics |
|
15 / 40 page ![]() DocID029806 Rev 2 15/40 STSPIN32F0 Pin description 40 43 OP2O Analog out Op amp 2 output 44 GND Power Ground 45 OP3P Analog in Op amp 3 non-inverting input 46 OP3N Analog in Op amp 3 inverting input 47 OP3O Analog out Op amp 3 output 48 VDD Power MCU digital power supply EPAD Power Internally connected to ground 1. Refer to Table 7 for MCU pin functions. Table 7. STSPIN32F0 MCU pad mapping MCU pad Type Analog IC pad Alternate and additional functions PF0 I/O - FT - OSC_IN PF1 I/O - FT - OSC_OUT NRST I/O - RST - Device reset input / internal reset output (active low) VDDA S VDD_3V3 Analog power supply voltage PA0 I/O - TTa - TIM2_CH1_ETR, USART1_CTS ADC_IN0, RTC_TAMP2, WKUP1 PA1 I/O - TTa - TIM2_CH2, EVENTOUT, USART1_RTS ADC_IN1 PA2 I/O - TTa - TIM2_CH3, USART1_TX ADC_IN2 PA3 I/O - TTa - TIM2_CH4, USART1_RX ADC_IN3 PA4 I/O - TTa - SPI1_NSS, I2S1_WS, TIM14_CH1, USART1_CK ADC_IN4 PA5 I/O - TTa - SPI1_SCK, I2S1_CK, TIM2_CH1_ETR ADC_IN5 PA6 I/O - TTa - SPI1_MISO, I2S1_MCK, TIM3_CH1, TIM1_BKIN, TIM16_CH1, EVENTOUT ADC_IN6 PB1 I/O - TTa - TIM3_CH4, TIM14_CH1, TIM1_CH3N ADC_IN9 PA7 I/O - TTa 3FGOUT SPI1_MOSI, I2S1_SD, TIM3_CH2, TIM14_CH1, TIM1_CH1N, TIM17_CH1, EVENTOUT ADC_IN7 PB12 I/O - FT OC_COMP_INT TIM1_BKIN(1) Table 6. STSPIN32F0 SiP pin description (continued)(1) No. Name Type Function |