전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6985F 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 L6985F
상세설명  Internal current limiting
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6985F 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button L6985F Datasheet HTML 29Page - STMicroelectronics L6985F Datasheet HTML 30Page - STMicroelectronics L6985F Datasheet HTML 31Page - STMicroelectronics L6985F Datasheet HTML 32Page - STMicroelectronics L6985F Datasheet HTML 33Page - STMicroelectronics L6985F Datasheet HTML 34Page - STMicroelectronics L6985F Datasheet HTML 35Page - STMicroelectronics L6985F Datasheet HTML 36Page - STMicroelectronics L6985F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
DocID027836 Rev 2
33/65
L6985F
Functional description
65
Figure 24. Zoomed waveform
The VBIAS pin absolute maximum ratings (see Table 2: Absolute maximum ratings on
page 6) must be satisfied over the different dynamic conditions.
If the VBIAS is connected to GND there are no issues (see Figure 23 and Figure 24).
A small resistor value (few
) in series with the VBIAS can help to limit the pin negative
voltage (see Figure 25) during heavy short-circuit events if it is connected to the regulated
output voltage.
short-circuit current
regulated output voltage
inductor current
switching node



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65