전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM2071 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 UM2071
상세설명  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 15Page - STMicroelectronics UM2071 Datasheet HTML 16Page - STMicroelectronics UM2071 Datasheet HTML 17Page - STMicroelectronics UM2071 Datasheet HTML 18Page - STMicroelectronics UM2071 Datasheet HTML 19Page - STMicroelectronics UM2071 Datasheet HTML 20Page - STMicroelectronics UM2071 Datasheet HTML 21Page - STMicroelectronics UM2071 Datasheet HTML 22Page - STMicroelectronics UM2071 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
UM2071
BlueNRG-1 Flasher utility
DocID029370 Rev 3
19/56
4
BlueNRG-1 Flasher utility
The BlueNRG-1 Flasher utility allows BlueNRG-1 programming using the UART
bootloader.
4.1
System requirements and installation
The BlueNRG-1 Flasher utility PC configuration requires the following minimum
characteristics
A PC with USB port running Windows® XP or Windows® 7
256 MB RAM
30 MB free hard disk space
You can run this utility by clicking on the BlueNRG-
1 Flasher icon under: Start →
STMicroelectronics → BlueNRG -1 DK X.X.X → BlueNRG1 Flasher
Figure 11: BlueNRG-1 Flasher utility
4.2
Main user interface window
In the upper section of the BlueNRG-1 Flasher
– Utility main window, you can:
select the image file (‘Select file’ button)
choose the flashing address (‘Flash from’ text input bar, only enabled for .bin files)
select the COM port to be used to interface the device (‘Port’ dropdown list)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56