| 전자부품 데이터시트 검색엔진 |
|
UM2071 데이터시트(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2071 데이터시트(HTML) 20 Page - STMicroelectronics |
|
20 / 56 page ![]() BlueNRG-1 Flasher utility UM2071 20/56 DocID029370 Rev 3 The BlueNRG-1 device memory is read when the associated COM port is opened. Figure 12: BlueNRG-1 Flasher utility main window 4.2.1 Main menu items From the ‘File’ menu, you can: Load an existing .bin or .hex (Intel extended) file. Save the current memory image in a .bin file. The start address and the size of the memory section to be saved to file are selectable from the ‘Device Memory’ tab. Close the application. From the ‘Tools’ menu, you can mass erase all the device Flash memory. 4.2.2 Image file selection Use the ‘Select file’ button on the main page (or the File>Load menu) to load an existing .bin or .hex file. The full path of the selected file appears next to the button and the ‘Flash’ becomes active. |