전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7FOXA0 데이터시트(PDF) 118 Page - STMicroelectronics

부품명 ST7FOXA0
상세설명  8-bit MCU with single voltage Flash memory
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXA0 데이터시트(HTML) 118 Page - STMicroelectronics

Back Button ST7FOXA0 Datasheet HTML 114Page - STMicroelectronics ST7FOXA0 Datasheet HTML 115Page - STMicroelectronics ST7FOXA0 Datasheet HTML 116Page - STMicroelectronics ST7FOXA0 Datasheet HTML 117Page - STMicroelectronics ST7FOXA0 Datasheet HTML 118Page - STMicroelectronics ST7FOXA0 Datasheet HTML 119Page - STMicroelectronics ST7FOXA0 Datasheet HTML 120Page - STMicroelectronics ST7FOXA0 Datasheet HTML 121Page - STMicroelectronics ST7FOXA0 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 123 page
background image
Package mechanical data
ST7FOXA0
118/123
14
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More