| 전자부품 데이터시트 검색엔진 |
|
ST10F296TR 데이터시트(PDF) 249 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296TR 데이터시트(HTML) 249 Page - STMicroelectronics |
|
249 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) ST10F296E Register set 249/346 Elements REG_NAME: Name of the register A16h/A8h: Long address (16-bit)/ Short address (8-bit) SFR/ESFR/XBus: Register space (SFR, ESFR or XBus register) (* *) * * Register contents after reset 0/1: Defined X: Undefined after power up) U: Unchanged HW bit: Bits that are set/cleared by hardware STD bit: Standard ‘normal’ bit (software rather than hardware bit) 23.2 General purpose registers (GPRs) The GPRs form the register bank that the CPU works with. This register bank may be located anywhere within the internal RAM via the context pointer (CP). Due to the addressing mechanism, GPR banks can only reside within the internal RAM. All GPRs are bit-addressable. Table 138. General purpose registers (GPRs) Name Physical address 8-bit address Description Reset value R0 (CP) + 0 F0h CPU general purpose (word) register R0 UUUUh R1 (CP) + 2 F1h CPU general purpose (word) register R1 UUUUh R2 (CP) + 4 F2h CPU general purpose (word) register R2 UUUUh R3 (CP) + 6 F3h CPU general purpose (word) register R3 UUUUh R4 (CP) + 8 F4h CPU general purpose (word) register R4 UUUUh R5 (CP) + 10 F5h CPU general purpose (word) register R5 UUUUh R6 (CP) + 12 F6h CPU general purpose (word) register R6 UUUUh R7 (CP) + 14 F7h CPU general purpose (word) register R7 UUUUh R8 (CP) + 16 F8h CPU general purpose (word) register R8 UUUUh R9 (CP) + 18 F9h CPU general purpose (word) register R9 UUUUh R10 (CP) + 20 FAh CPU general purpose (word) register R10 UUUUh R11 (CP) + 22 FBh CPU general purpose (word) register R11 UUUUh R12 (CP) + 24 FCh CPU general purpose (word) register R12 UUUUh R13 (CP) + 26 FDh CPU general purpose (word) register R13 UUUUh R14 (CP) + 28 FEh CPU general purpose (word) register R14 UUUUh R15 (CP) + 30 FFh CPU general purpose (word) register R15 UUUUh Obsolete Product(s) - Obsolete Product(s) |