| 전자부품 데이터시트 검색엔진 |
|
ST10F296TR 데이터시트(PDF) 250 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296TR 데이터시트(HTML) 250 Page - STMicroelectronics |
|
250 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) Register set ST10F296E 250/346 The first eight GPRs (R7 to R0) may also be accessed byte wise. Writing to a GPR byte (except for SFRs) does not affect other bytes of the respective GPR. The respective halves of the byte-accessible registers receive special names listed in Table 139. Table 139. General purpose registers (GPRs) bit wise addressing Name Physical address 8-bit address Description Reset value RL0 (CP) + 0 F0h CPU general purpose (byte) register RL0 UUh RH0 (CP) + 1 F1h CPU general purpose (byte) register RH0 UUh RL1 (CP) + 2 F2h CPU general purpose (byte) register RL1 UUh RH1 (CP) + 3 F3h CPU general purpose (byte) register RH1 UUh RL2 (CP) + 4 F4h CPU general purpose (byte) register RL2 UUh RH2 (CP) + 5 F5h CPU general purpose (byte) register RH2 UUh RL3 (CP) + 6 F6h CPU general purpose (byte) register RL3 UUh RH3 (CP) + 7 F7h CPU general purpose (byte) register RH3 UUh RL4 (CP) + 8 F8h CPU general purpose (byte) register RL4 UUh RH4 (CP) + 9 F9h CPU general purpose (byte) register RH4 UUh RL5 (CP) + 10 FAh CPU general purpose (byte) register RL5 UUh RH5 (CP) + 11 FBh CPU general purpose (byte) register RH5 UUh RL6 (CP) + 12 FCh CPU general purpose (byte) register RL6 UUh RH6 (CP) + 13 FDh CPU general purpose (byte) register RH6 UUh RL7 (CP) + 14 FEh CPU general purpose (byte) register RL7 UUh RH7 (CP) + 15 FFh CPU general purpose (byte) register RH7 UUh Obsolete Product(s) - Obsolete Product(s) |