| 전자부품 데이터시트 검색엔진 |
|
STM8L151C3 데이터시트(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151C3 데이터시트(HTML) 28 Page - STMicroelectronics |
|
28 / 122 page ![]() Pinout and pin description STM8L151x2, STM8L151x3 28/122 DocID018780 Rev 9 25 14 13 8 11 PB1/TIM3_CH1/ ADC1_IN17/ COMP1_INP I/O - X XX HS X X Port B1 Timer 3 - channel1/ ADC1_IN17/ Comparator1 positive input 26 15 14 9 12 PB2/ TIM2_CH2/ ADC1_IN16/ COMP1_INP I/O - X XX HS X X Port B2 Timer 2 - channel2 ADC1_IN16/ Comparator1 positive input 27 16 15 10 13 PB3/TIM2_ETR/ ADC1_IN15/RTC_AL ARM(4)/ COMP1_INP I/O - X XX HS X X Port B3 Timer 2 - external trigger / ADC1_IN15 / RTC_ALARM (4)/Comparator1 positive input 28 17 16 11 14 PB4(3)/SPI1_NSS/ ADC1_IN14/ COMP1_INP I/O - X XX HS X X Port B4 SPI master/slave select / ADC1_IN14/ Comparator1 positive input 29 18 17 12 15 PB5/SPI_SCK/ /ADC1_IN13/ COMP1_INP I/O - X XX HS X X Port B5 [SPI clock] / ADC1_IN13/ Comparator 1 positive input 30 19 18 13 16 PB6/SPI1_MOSI/ ADC1_IN12/ COMP1_INP I/O - X XX HS X X Port B6 SPI master out/ slave in / ADC1_IN12/ Comparator1 positive input 31 20 19 14 17 PB7/SPI1_MISO/ ADC1_IN11/ COMP1_INP I/O - X XX HS X X Port B7 SPI1 master in-slave out/ ADC1_IN11/ Comparator1 positive input 37 25 21 15 18 PC0/I2C_SDA I/O FT X XT(5) Port C0 I2C data 38 26 22 16 19 PC1/I2C_SCL I/O FT X XT(5) Port C1 I2C clock 41 27 23 - - PC2/USART_RX/ADC 1_IN6/ COMP1_INP I/O - X XX HS X X Port C2 USART receive / ADC1_IN6/ Comparator1 positive input 42 28 24 - - PC3/USART_TX/ ADC1_IN5/ COMP1_INP/ COMP2_INM I/O - X XX HS X X Port C3 USART transmit / ADC1_IN5/ Comparator1 positive input/Comparator 2 negative input Table 4. Low-density STM8L151x2/3 pin description (continued) Pin number Pin name Input Output Default alternate function |