전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F038X6 데이터시트(PDF) 83 Page - STMicroelectronics

부품명 STM32F038X6
상세설명  Clock management
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F038X6 데이터시트(HTML) 83 Page - STMicroelectronics

Back Button STM32F038X6 Datasheet HTML 79Page - STMicroelectronics STM32F038X6 Datasheet HTML 80Page - STMicroelectronics STM32F038X6 Datasheet HTML 81Page - STMicroelectronics STM32F038X6 Datasheet HTML 82Page - STMicroelectronics STM32F038X6 Datasheet HTML 83Page - STMicroelectronics STM32F038X6 Datasheet HTML 84Page - STMicroelectronics STM32F038X6 Datasheet HTML 85Page - STMicroelectronics STM32F038X6 Datasheet HTML 86Page - STMicroelectronics STM32F038X6 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
DocID026079 Rev 5
83/102
STM32F038x6
Package information
98
Figure 33. UFQFPN32 package outline
1. Drawing is not to scale.
2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life.
3. There is an exposed die pad on the underside of the UFQFPN package. This pad is used for the device
ground and must be connected. It is referred to as pin 0 in Table: Pin definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More