| 전자부품 데이터시트 검색엔진 |
|
STM32F038X6 데이터시트(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F038X6 데이터시트(HTML) 43 Page - STMicroelectronics |
|
43 / 102 page ![]() DocID026079 Rev 5 43/102 STM32F038x6 Electrical characteristics 79 Typical and maximum current consumption The MCU is placed under the following conditions: • All I/O pins are in analog input mode • All peripherals are disabled except when explicitly mentioned • The Flash memory access time is adjusted to the fHCLK frequency: – 0 wait state and Prefetch OFF from 0 to 24 MHz – 1 wait state and Prefetch ON above 24 MHz • When the peripherals are enabled fPCLK = fHCLK The parameters given in Table 21 to Table 25 are derived from tests performed under ambient temperature and supply voltage conditions summarized in Table 18: General operating conditions. |