| 전자부품 데이터시트 검색엔진 |
|
STM32F048G6 데이터시트(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F048G6 데이터시트(HTML) 85 Page - STMicroelectronics |
|
85 / 98 page ![]() DocID026007 Rev 6 85/98 STM32F048C6 STM32F048G6 STM32F048T6 Package information 94 Figure 30. Recommended footprint for UFQFPN48 package 1. Dimensions are expressed in millimeters. Table 64. UFQFPN48 package mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Min Typ Max Min Typ Max A 0.500 0.550 0.600 0.0197 0.0217 0.0236 A1 0.000 0.020 0.050 0.0000 0.0008 0.0020 D 6.900 7.000 7.100 0.2717 0.2756 0.2795 E 6.900 7.000 7.100 0.2717 0.2756 0.2795 D2 5.500 5.600 5.700 0.2165 0.2205 0.2244 E2 5.500 5.600 5.700 0.2165 0.2205 0.2244 L 0.300 0.400 0.500 0.0118 0.0157 0.0197 T - 0.152 - - 0.0060 - b 0.200 0.250 0.300 0.0079 0.0098 0.0118 e - 0.500 - - 0.0197 - ddd - - 0.080 - - 0.0031 |