| 전자부품 데이터시트 검색엔진 |
|
STM32F048G6 데이터시트(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F048G6 데이터시트(HTML) 28 Page - STMicroelectronics |
|
28 / 98 page ![]() Pinouts and pin descriptions STM32F048C6 STM32F048G6 STM32F048T6 28/98 DocID026007 Rev 6 Table 12. STM32F048x6 pin definitions Pin numbers Pin name (function upon reset) Pin type Pin functions Alternate function Additional functions 1 - - VBAT S - - Backup power supply 2A6 - PC13 I/O TC (1)(2) - WKUP2, RTC_TAMP1, RTC_TS, RTC_OUT 3B6 - PC14-OSC32_IN (PC14) I/O TC (1) (2) - OSC32_IN 4C6 - PC15-OSC32_OUT (PC15) I/O TC (1) (2) - OSC32_OUT 5B5 2 PF0-OSC_IN (PF0) I/O FTf - CRS_ SYNC I2C1_SDA OSC_IN 6C5 3 PF1-OSC_OUT (PF1) I/O FTf - I2C1_SCL OSC_OUT 7 D5 4 NRST I/O RST - Device reset input / internal reset output (active low) 8 D6 16 VSSA S (3) Analog ground 9E5 5 VDDA S - Analog power supply 10 F6 6 PA0 I/O TTa - USART2_CTS, TIM2_CH1_ETR, TSC_G1_IO1 RTC_ TAMP2, WKUP1, ADC_IN0, 11 D4 7 PA1 I/O TTa - USART2_RTS, TIM2_CH2, TSC_G1_IO2, EVENTOUT ADC_IN1 12 E4 8 PA2 I/O TTa - USART2_TX, TIM2_CH3, TSC_G1_IO3 ADC_IN2, WKUP4 13 F5 9 PA3 I/O TTa - USART2_RX, TIM2_CH4, TSC_G1_IO4 ADC_IN3 14 C3 10 PA4 I/O TTa - SPI1_NSS, I2S1_WS, TIM14_CH1, TSC_G2_IO1, USART2_CK USB_NOE ADC_IN4 15 D3 11 PA5 I/O TTa - SPI1_SCK, I2S1_CK, CEC, TIM2_CH1_ETR, TSC_G2_IO2 ADC_IN5 16 E3 12 PA6 I/O TTa - SPI1_MISO, I2S1_MCK, TIM3_CH1, TIM1_BKIN, TIM16_CH1, TSC_G2_IO3, EVENTOUT ADC_IN6 |