| 전자부품 데이터시트 검색엔진 |
|
STM32F078CB 데이터시트(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F078CB 데이터시트(HTML) 95 Page - STMicroelectronics |
|
95 / 120 page ![]() DocID026006 Rev 4 95/120 STM32F078CB, STM32F078RB, STM32F078VB Electrical characteristics 95 USB characteristics The STM32F078CB/RB/VB USB interface is fully compliant with the USB specification version 2.0 and is USB-IF certified (for Full-speed device operation). Table 68. USB electrical characteristics Symbol Parameter Conditions Min. Typ Max. Unit VDDIO2 USB transceiver operating voltage -3.0(1) 1. The STM32F078CB/RB/VB USB functionality is ensured down to 2.7 V but not the full USB electrical characteristics which are degraded in the 2.7-to-3.0 V voltage range. -3.6 V tSTARTUP(2) 2. Guaranteed by design, not tested in production. USB transceiver startup time - - - 1.0 µs RPUI Embedded USB_DP pull-up value during idle - 1.1 1.26 1.5 kΩ RPUR Embedded USB_DP pull-up value during reception - 2.0 2.26 2.6 ZDRV(2) Output driver impedance(3) 3. No external termination series resistors are required on USB_DP (D+) and USB_DM (D-); the matching impedance is already included in the embedded driver. Driving high and low 28 40 44 Ω |