| 전자부품 데이터시트 검색엔진 |
|
STM32F098CC 데이터시트(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F098CC 데이터시트(HTML) 98 Page - STMicroelectronics |
|
98 / 128 page ![]() Electrical characteristics STM32F098CC STM32F098RC STM32F098VC 98/128 DocID026967 Rev 4 Figure 31. I2S slave timing diagram (Philips protocol) 1. Measurement points are done at CMOS levels: 0.3 × VDDIOx and 0.7 × VDDIOx. 2. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first byte. tsu(SD_MR) Data input setup time Master receiver 6 - ns tsu(SD_SR) Slave receiver 2 - th(SD_MR)(2) Data input hold time Master receiver 4 - th(SD_SR)(2) Slave receiver 0.5 - tv(SD_MT)(2) Data output valid time Master transmitter - 4 tv(SD_ST)(2) Slave transmitter - 31 th(SD_MT) Data output hold time Master transmitter 0 - th(SD_ST) Slave transmitter 13 - 1. Data based on design simulation and/or characterization results, not tested in production. 2. Depends on fPCLK. For example, if fPCLK = 8 MHz, then TPCLK = 1/fPLCLK = 125 ns. Table 67. I2S characteristics(1) (continued) Symbol Parameter Conditions Min Max Unit |