| 전자부품 데이터시트 검색엔진 |
|
STM32F098CC 데이터시트(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F098CC 데이터시트(HTML) 37 Page - STMicroelectronics |
|
37 / 128 page ![]() DocID026967 Rev 4 37/128 STM32F098CC STM32F098RC STM32F098VC Pinouts and pin descriptions 41 L7 39 - - - - PE8 I/O FT TIM1_CH1N, USART4_TX - M8 40 - - - - PE9 I/O FT TIM1_CH1, USART4_RX - L8 41 - - - - PE10 I/O FT TIM1_CH2N, USART5_TX - M9 42 - - - - PE11 I/O FT TIM1_CH2, USART5_RX - L9 43 - - - - PE12 I/O FT SPI1_NSS, I2S1_WS, TIM1_CH3N - M10 44 - - - - PE13 I/O FT SPI1_SCK, I2S1_CK, TIM1_CH3 - M11 45 - - - - PE14 I/O FT SPI1_MISO, I2S1_MCK, TIM1_CH4 - M12 46 - - - - PE15 I/O FT SPI1_MOSI, I2S1_SD, TIM1_BKIN - L10 47 G7 29 G3 21 PB10 I/O FTf SPI2_SCK, I2S2_CK, I2C2_SCL, USART3_TX, CEC, TSC_SYNC, TIM2_CH3 - L11 48H730H322 PB11 I/O FTf USART3_RX, TIM2_CH4, EVENTOUT, TSC_G6_IO1, I2C2_SDA - F12 49D531H223 VSS S - Ground G12 50 E5 32 H1 24 VDD S - Digital power supply L12 51 H8 33 G2 25 PB12 I/O FT TIM1_BKIN, TIM15_BKIN, SPI2_NSS, I2S2_WS, USART3_CK, TSC_G6_IO2, EVENTOUT - K12 52 G8 34 F2 26 PB13 I/O FTf SPI2_SCK, I2S2_CK, I2C2_SCL, USART3_CTS, TIM1_CH1N, TSC_G6_IO3 - Table 12. STM32F098CC/RC/VC pin definitions (continued) Pin numbers Pin name (function upon reset) Pin functions Alternate functions Additional functions |