| 전자부품 데이터시트 검색엔진 |
|
STM32F303X6 데이터시트(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303X6 데이터시트(HTML) 37 Page - STMicroelectronics |
|
37 / 115 page ![]() DocID025083 Rev 5 37/115 STM32F303x6/x8 Pinout and pin descriptions 43 25 38 50 PA15 I/O FTf JTDI, TIM2_CH1/TIM2_ETR, TSC_SYNC, I2C1_SCL, SPI1_NSS, USART2_RX, TIM1_BKIN, EVENTOUT - - - 51 PC10 I/O FT EVENTOUT, USART3_TX - - - 52 PC11 I/O FT EVENTOUT, USART3_RX - - - 53 PC12 I/O FT EVENTOUT, USART3_CK - - - 54 PD2 I/O FT EVENTOUT, TIM3_ETR - 26 39 55 PB3 I/O FT JTDO/TRACE SWO, TIM2_CH2, TSC_G5_IO1, SPI1_SCK, USART2_TX, TIM3_ETR, EVENTOUT - 27 40 56 PB4 I/O FT NJTRST, TIM16_CH1, TIM3_CH1, TSC_G5_IO2, SPI1_MISO, USART2_RX, TIM17_BKIN, EVENTOUT - 28 41 57 PB5 I/O FT TIM16_BKIN, TIM3_CH2, I2C1_SMBA, SPI1_MOSI, USART2_CK, TIM17_CH1, EVENTOUT - 29 42 58 PB6 I/O FTf TIM16_CH1N, TSC_G5_IO3, I2C1_SCL, USART1_TX, EVENTOUT - 30 43 59 PB7 I/O FTf TIM17_CH1N, TSC_G5_IO4, I2C1_SDA, USART1_RX, TIM3_CH4, EVENTOUT - 31 44 60 BOOT0 I B - - - 45 61 PB8 I/O FTf TIM16_CH1, TSC_SYNC, I2C1_SCL, USART3_RX, CAN_RX, TIM1_BKIN, EVENTOUT - Table 14. STM32F303x6/8 pin definitions (continued) Pin Number Pin name (function after reset) Pin functions LQFP 32 LQFP 48 LQFP 64 Alternate functions Additional functions |