| 전자부품 데이터시트 검색엔진 |
|
STM32F303X6 데이터시트(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303X6 데이터시트(HTML) 43 Page - STMicroelectronics |
|
43 / 115 page ![]() DocID025083 Rev 5 43/115 STM32F303x6/x8 Memory mapping 43 APB1 0x4000 9800 - 0x4000 9BFF 1 K DAC2 0x4000 7800 - 0x4000 97FF 8 K Reserved 0x4000 7400 - 0x4000 77FF 1 K DAC1 0x4000 7000 - 0x4000 73FF 1 K PWR 0x4000 6800 - 0x4000 6FFF 2 K Reserved 0x4000 6400 - 0x4000 67FF 1 K bxCAN 0x4000 5800 - 0x4000 63FF 3 K Reserved 0x4000 5400 - 0x4000 57FF 1 K I2C1 0x4000 4C00 - 0x4000 53FF 2 K Reserved 0x4000 4800 - 0x4000 4BFF 1 K USART3 0x4000 4400 - 0x4000 47FF 1 K USART2 0x4000 3400 - 0x4000 43FF 2 K Reserved 0x4000 3000 - 0x4000 33FF 1 K IWDG 0x4000 2C00 - 0x4000 2FFF 1 K WWDG 0x4000 2800 - 0x4000 2BFF 1 K RTC 0x4000 1800 - 0x4000 27FF 4 K Reserved 0x4000 1400 - 0x4000 17FF 1 K TIM7 0x4000 1000 - 0x4000 13FF 1 K TIM6 0x4000 0800 - 0x4000 0FFF 2 K Reserved 0x4000 0400 - 0x4000 07FF 1 K TIM3 0x4000 0000 - 0x4000 03FF 1 K TIM2 - 0x2000 3000 - 3FFF FFFF ~512 M Reserved - 0x2000 0000 - 0x2000 2FFF 12 K SRAM - 0x1FFF F800 - 0x1FFF FFFF 2 K Option bytes - 0x1FFF D800 - 0x1FFF F7FF 8 K System memory - 0x1000 2000 - 0x1FFF D7FF ~256 M Reserved - 0x1000 0000 - 0x1000 0FFF 4 K CCM RAM - 0x0804 0000 - 0x0FFF FFFF ~128 M Reserved - 0x0800 0000 - 0x0800 FFFF 64 K Main Flash memory - 0x0004 0000 - 0x07FF FFFF ~128 M Reserved - 0x0000 000 - 0x0000 FFFF 64 K Main Flash memory, system memory or SRAM depending on BOOT configuration Table 16. STM32F303x6/8 peripheral register boundary addresses (continued) Bus Boundary address Size (bytes) Peripheral |