| 전자부품 데이터시트 검색엔진 |
|
STM32F358VCT7 데이터시트(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F358VCT7 데이터시트(HTML) 35 Page - STMicroelectronics |
|
35 / 134 page ![]() DocID025540 Rev 4 35/134 STM32F358xC Pinouts and pin description 51 21 - - VREF+ S - - Positive reference voltage 22 - VDDA S - - Analog power supply -13 9 VDDA/ VREF+ S - - Analog power supply/Positive reference voltage 23 14 10 PA0 I/O TTa - USART2_CTS, TIM2_CH1_ETR, TIM8_BKIN, TIM8_ETR, TSC_G1_IO1, COMP1_OUT, EVENTOUT ADC1_IN1, COMP1_INM, RTC_ TAMP2, WKUP1, COMP7_INP 24 15 11 PA1 I/O TTa - USART2_RTS_DE, TIM2_CH2, TSC_G1_IO2, TIM15_CH1N, RTC_REFIN, EVENTOUT ADC1_IN2, COMP1_INP, OPAMP1_VINP, OPAMP3_VINP 25 16 12 PA2 I/O TTa (3) USART2_TX, TIM2_CH3, TIM15_CH1, TSC_G1_IO3, COMP2_OUT, EVENTOUT ADC1_IN3, COMP2_INM, OPAMP1_VOUT 26 17 13 PA3 I/O TTa - USART2_RX, TIM2_CH4, TIM15_CH2, TSC_G1_IO4, EVENTOUT ADC1_IN4, OPAMP1_VINP, COMP2_INP, OPAMP1_VINM 27 18 - PF4 I/O TTa (1) COMP1_OUT, EVENTOUT ADC1_IN5 28 19 - VDD_4 S - - -- 29 20 14 PA4 I/O TTa (3) SPI1_NSS, SPI3_NSS, I2S3_WS, USART2_CK, TSC_G2_IO1, TIM3_CH2, EVENTOUT ADC2_IN1, DAC1_OUT1, OPAMP4_VINP, COMP1_INM, COMP2_INM, COMP3_INM, COMP4_INM, COMP5_INM, COMP6_INM,COMP7_INM 30 21 15 PA5 I/O TTa (3) SPI1_SCK, TIM2_CH1_ETR, TSC_G2_IO2, EVENTOUT ADC2_IN2, DAC1_OUT2 OPAMP1_VINP, OPAMP2_VINM, OPAMP3_VINP, COMP1_INM, COMP2_INM, COMP3_INM, COMP4_INM,COMP5_INM, COMP6_INM, COMP7_INM 31 22 16 PA6 I/O TTa (3) SPI1_MISO, TIM3_CH1, TIM8_BKIN, TIM1_BKIN, TIM16_CH1, COMP1_OUT, TSC_G2_IO3, EVENTOUT ADC2_IN3, OPAMP2_VOUT Table 13. STM32F358xC pin definitions (continued) Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions |