| 전자부품 데이터시트 검색엔진 |
|
STM32F358VCT7 데이터시트(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F358VCT7 데이터시트(HTML) 36 Page - STMicroelectronics |
|
36 / 134 page ![]() Pinouts and pin description STM32F358xC 36/134 DocID025540 Rev 4 32 23 17 PA7 I/O TTa - SPI1_MOSI, TIM3_CH2, TIM17_CH1, TIM1_CH1N, TIM8_CH1N, TSC_G2_IO4, COMP2_OUT, EVENTOUT ADC2_IN4, COMP2_INP, OPAMP2_VINP, OPAMP1_VINP 33 24 - PC4 I/O TTa (1) USART1_TX, EVENTOUT ADC2_IN5 34 25 - PC5 I/O TTa (1) USART1_RX, TSC_G3_IO1, EVENTOUT ADC2_IN11, OPAMP2_VINM, OPAMP1_VINM 35 26 18 PB0 I/O TTa - TIM3_CH3, TIM1_CH2N, TIM8_CH2N, TSC_G3_IO2, EVENTOUT ADC3_IN12, COMP4_INP, OPAMP3_VINP, OPAMP2_VINP 36 27 19 PB1 I/O TTa (3) TIM3_CH4, TIM1_CH3N, TIM8_CH3N, COMP4_OUT, TSC_G3_IO3, EVENTOUT ADC3_IN1, OPAMP3_VOUT 37 28 20 NPOR I POR (4) Device power-on reset input 38 - - PE7 I/O TTa (1) TIM1_ETR, EVENTOUT ADC3_IN13, COMP4_INP 39 - - PE8 I/O TTa (1) TIM1_CH1N, EVENTOUT COMP4_INM, ADC34_IN6 40 - - PE9 I/O TTa (1) TIM1_CH1, EVENTOUT ADC3_IN2 41 - - PE10 I/O TTa (1) TIM1_CH2N, EVENTOUT ADC3_IN14 42 - - PE11 I/O TTa (1) TIM1_CH2, EVENTOUT ADC3_IN15 43 - PE12 I/O TTa (1) TIM1_CH3N, EVENTOUT ADC3_IN16 44 - - PE13 I/O TTa (1) TIM1_CH3, EVENTOUT ADC3_IN3 45 - - PE14 I/O TTa (1) TIM1_CH4, TIM1_BKIN2, EVENTOUT ADC4_IN1 46 - - PE15 I/O TTa (1) USART3_RX, TIM1_BKIN, EVENTOUT ADC4_IN2 47 29 21 PB10 I/O TTa - USART3_TX, TIM2_CH3, TSC_SYNC, EVENTOUT COMP5_INM, OPAMP4_VINM, OPAMP3_VINM 48 30 22 PB11 I/O TTa - USART3_RX, TIM2_CH4, TSC_G6_IO1, EVENTOUT COMP6_INP, OPAMP4_VINP 49 31 23 VSS_2 S - - Digital ground 50 32 24 VDD_2 S - - Digital power supply 51 33 25 PB12 I/O TTa (3) SPI2_NSS, I2S2_WS, I2C2_SMBA, USART3_CK, TIM1_BKIN, TSC_G6_IO2, EVENTOUT ADC4_IN3, COMP3_INM, OPAMP4_VOUT, Table 13. STM32F358xC pin definitions (continued) Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions |