| 전자부품 데이터시트 검색엔진 |
|
STM32F410C8 데이터시트(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F410C8 데이터시트(HTML) 35 Page - STMicroelectronics |
|
35 / 142 page ![]() DocID028094 Rev 5 35/142 STM32F410x8/B Pinouts and pin description 43 Table 9. STM32F410x8/B pin definitions Pin Number Pin name (function after reset)(1) Alternate functions Additional functions B5 1 1 1 A2 VBAT S - - - VBAT - - - - C2 VSS S - - - - C4 2 2 2 B2 PC13 I/O FT (2)(3) EVENTOUT RTC_TAMP1, RTC_OUT, RTC_TS B6 3 3 3 A1 PC14- OSC32_IN I/O FT (2)(3) (4) EVENTOUT OSC32_IN C6 4 4 4 B1 PC15- OSC32_OUT I/O FT (2)(4) EVENTOUT OSC32_OUT -- - - D2 VDD S - - - - C5 5 5 5 C1 PH0 - OSC_IN I/O FT (4) EVENTOUT OSC_IN D6 6 6 6 D1 PH1 - OSC_OUT I/O FT (4) EVENTOUT OSC_OUT D5 7 7 7 E1 NRST NR ST -- - - -- - 8 D3 PC0 I/O FT - LPTIM1_IN1, EVENTOUT ADC1_10, WKUP2 - - - 9 E2 PC1 I/O FT - LPTIM1_OUT, EVENTOUT ADC1_11, WKUP3 -- - 10 E3 PC2 I/O FT - LPTIM1_IN2, SPI2_MISO, EVENTOUT ADC1_12 -- - 11 F2 PC3 I/O FT - LPTIM1_ETR, SPI2_MOSI/I2S2_SD, EVENTOUT ADC1_13 E6 8 8 12 F1 VSSA/VREF- S - - - - F6 9 9 13 - VDDA/VREF+ S - - - - - - - - G1 VREF+ S - - - - - - - - H1 VDDA S - - - - E5 10 10 14 G2 PA0 I/O FT - TIM5_CH1, USART2_CTS, EVENTOUT ADC1_0, WKUP1 -11 11 15 H2 PA1 I/O FT - TIM5_CH2, USART2_RTS, EVENTOUT ADC1_1 |