전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F410C8 데이터시트(PDF) 47 Page - STMicroelectronics

부품명 STM32F410C8
상세설명  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410C8 데이터시트(HTML) 47 Page - STMicroelectronics

Back Button STM32F410C8 Datasheet HTML 43Page - STMicroelectronics STM32F410C8 Datasheet HTML 44Page - STMicroelectronics STM32F410C8 Datasheet HTML 45Page - STMicroelectronics STM32F410C8 Datasheet HTML 46Page - STMicroelectronics STM32F410C8 Datasheet HTML 47Page - STMicroelectronics STM32F410C8 Datasheet HTML 48Page - STMicroelectronics STM32F410C8 Datasheet HTML 49Page - STMicroelectronics STM32F410C8 Datasheet HTML 50Page - STMicroelectronics STM32F410C8 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 142 page
background image
DocID028094 Rev 5
47/142
STM32F410x8/B
Memory mapping
47
APB1
0x4000 7800 - 0x4000 FFFF
Reserved
0x4000 7400 - 0x4000 77FF
DAC
0x4000 7000 - 0x4000 73FF
PWR
0x4000 6400 - 0x4000 6FFF
Reserved
0x4000 6000 - 0x4000 63FF
I2C4 FM+
0x4000 5C00 - 0x4000 5FFF
Reserved
0x4000 5800 - 0x4000 5BFF
I2C2
0x4000 5400 - 0x4000 57FF
I2C1
0x4000 4800 - 0x4000 53FF
Reserved
0x4000 4400 - 0x4000 47FF
USART2
0x4000 4000 - 0x4000 43FF
Reserved
0x4000 3C00 - 0x4000 3FFF
SPI3 / I2S3
0x4000 3800 - 0x4000 3BFF
SPI2 / I2S2
0x4000 3400 - 0x4000 37FF
Reserved
0x4000 3000 - 0x4000 33FF
IWDG
0x4000 2C00 - 0x4000 2FFF
WWDG
0x4000 2800 - 0x4000 2BFF
RTC & BKP Registers
0x4000 1400 - 0x4000 27FF
Reserved
0x4000 1000 - 0x4000 13FF
TIM6
0x4000 0C00 - 0x4000 0FFF
TIM5
0x4000 0000 - 0x4000 0BFF
Reserved
1. The gray color is used for reserved boundary address.
Table 11. STM32F410x8/B register boundary addresses(1)
Bus
Boundary address
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More