전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F410CB 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 STM32F410CB
상세설명  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410CB 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button STM32F410CB Datasheet HTML 10Page - STMicroelectronics STM32F410CB Datasheet HTML 11Page - STMicroelectronics STM32F410CB Datasheet HTML 12Page - STMicroelectronics STM32F410CB Datasheet HTML 13Page - STMicroelectronics STM32F410CB Datasheet HTML 14Page - STMicroelectronics STM32F410CB Datasheet HTML 15Page - STMicroelectronics STM32F410CB Datasheet HTML 16Page - STMicroelectronics STM32F410CB Datasheet HTML 17Page - STMicroelectronics STM32F410CB Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 142 page
background image
Description
STM32F410x8/B
14/142
DocID028094 Rev 5
2.1
Compatibility with STM32F4 series
The STM32F410x8/B are fully software and feature compatible with the STM32F4 series
(STM32F42x, STM32F401, STM32F43x, STM32F41x, STM32F405 and STM32F407)
The STM32F410x8/B can be used as drop-in replacement of the other STM32F4 products
but some slight changes have to be done on the PCB board.
Figure 1. Compatible board design for LQFP64 package
1. For STM32F410xB devices, pin 54 is bonded to PB11 instead of PD2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More