| 전자부품 데이터시트 검색엔진 |
|
STM32F410CB 데이터시트(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F410CB 데이터시트(HTML) 38 Page - STMicroelectronics |
|
38 / 142 page ![]() Pinouts and pin description STM32F410x8/B 38/142 DocID028094 Rev 5 D1 29 29 41 C8 PA8 I/O FT - MCO_1, TIM1_CH1, I2C4_SCL, USART1_CK, EVENTOUT - -30 30 42 B8 PA9 I/O FT- TIM1_CH2, USART1_TX, EVENTOUT - -31 31 43 E6 PA10 I/O FT - TIM1_CH3, SPI5_MOSI/I2S5_SD, USART1_RX, EVENTOUT - -32 32 44 D7 PA11 I/O FT - TIM1_CH4, USART1_CTS, USART6_TX, EVENTOUT - D2 33 33 45 A8 PA12 I/O FT - TIM1_ETR, SPI5_MISO, USART1_RTS, USART6_RX, EVENTOUT - C1 34 34 46 C7 PA13 I/O FT - JTMS-SWDIO, EVENTOUT - B1 35 35 47 D5 VSS S - - - - -36 36 48 - VDD S - - - - A1 - - - - VDD S - - - - B2 37 37 49 B7 PA14 I/O FT - JTCK-SWCLK, EVENTOUT - A2 38 38 50 A7 PA15 I/O FT - JTDI, SPI1_NSS/I2S1_WS, USART1_TX, EVENTOUT - -- - 51 C6 PC10 I/O FT - TRACED0, TIM5_CH2, EVENTOUT - -- - 52 B6 PC11 I/O FT - TRACED1, TIM5_CH3, EVENTOUT - -- - 53 A6 PC12 I/O FT - TRACED2, TIM11_CH1, EVENTOUT - Table 9. STM32F410x8/B pin definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |