전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F765 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 STM32F765
상세설명  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F765 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button STM32F765 Datasheet HTML 14Page - STMicroelectronics STM32F765 Datasheet HTML 15Page - STMicroelectronics STM32F765 Datasheet HTML 16Page - STMicroelectronics STM32F765 Datasheet HTML 17Page - STMicroelectronics STM32F765 Datasheet HTML 18Page - STMicroelectronics STM32F765 Datasheet HTML 19Page - STMicroelectronics STM32F765 Datasheet HTML 20Page - STMicroelectronics STM32F765 Datasheet HTML 21Page - STMicroelectronics STM32F765 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 255 page
background image
Description
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
18/255
DocID029041 Rev 4
1.1
Full compatibility throughout the family
The STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx devices are fully
pin-to-pin, compatible with the STM32F4xxxx devices, allowing the user to try different
peripherals, and reaching higher performances (higher frequency) for a greater degree of
freedom during the development cycle.
Figure 1 gives compatible board designs between the STM32F7xx and STM32F4xx
families.
Figure 1. Compatible board design for LQFP100 package
The STM32F76x LQFP144, LQFP176, LQFP208, TFBGA216, UFBGA176 packages are
fully pin to pin compatible with STM32F4xx devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More