| 전자부품 데이터시트 검색엔진 |
|
STM32F732ICY6 데이터시트(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732ICY6 데이터시트(HTML) 57 Page - STMicroelectronics |
|
57 / 122 page ![]() 1 6 6 C1 6 C10 C1 C2 6 6 VBAT S - - - - - - - D2 7 - D2 - - 7 PI8 I/O FT (2) (3) EVENTOUT RTC_TAMP2/ RTC_TS, WKUP5 2 7 7 D1 8 D10 D1 A1 7 8 PC13 I/O FT (2) (3) EVENTOUT RTC_TAMP1/ RTC_TS/ RTC_OUT, WKUP4 3 8 8 E1 9 E9 E1 B1 8 9 PC14- OSC32_IN(PC1 4) I/O FT (2) (3) EVENTOUT OSC32_IN 4 9 9 F1 10 E10 F1 C1910 PC15- OSC32_OUT(P C15) I/O FT (2) (3) EVENTOUT OSC32_OUT - - - D3 11 - D3 - - 11 PI9 I/O FT - UART4_RX, CAN1_RX, FMC_D30, EVENTOUT - - - - E3 12 - E3 - - 12 PI10 I/O FT - FMC_D31, EVENTOUT - - - - E4 13 - E4 - - 13 PI11 I/O FT (4) OTG_HS_ULPI_DIR, EVENTOUT WKUP6 Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F732xx STM32F733xx |