| 전자부품 데이터시트 검색엔진 |
|
STM32F732ICY6 데이터시트(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732ICY6 데이터시트(HTML) 62 Page - STMicroelectronics |
|
62 / 122 page ![]() - - - G4 44 - G4 - - 44 PH3 I/O FT - QUADSPI_BK2_IO1, SAI2_MCK_B, FMC_SDNE0, EVENTOUT - - - - H4 45 - H4 - - 45 PH4 I/O FT (4) I2C2_SCL, OTG_HS_ULPI_NXT, EVENTOUT - - - - J4 46 - J4 - - 46 PH5 I/O FT - I2C2_SDA, SPI5_NSS, FMC_SDNWE, EVENTOUT - 17 25 37 R2 47 H7 R2 M2 37 47 PA3 I/O FT (4) (5) TIM2_CH4, TIM5_CH4, TIM9_CH2, USART2_RX, OTG_HS_ULPI_D0, EVENTOUT ADC1_IN3, ADC2_IN3, ADC3_IN3 18 26 38 - - K8 - G4 38 - VSS S - - - - - - - L4 48 - L4 H5 - 48 BYPASS_REG I FT - - - 19 27 39 K4 49 - K4 F4 39 49 VDD S - - - - 20 28 40 N4 50 G7 N4 J3 40 50 PA4 I/O TTa (5) SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, USART2_CK, OTG_HS_SOF, EVENTOUT ADC1_IN4, ADC2_IN4, DAC_OUT1 21 29 41 P4 51 F6 P4 K3 41 51 PA5 I/O TTa (4) (5) TIM2_CH1/TIM2_ETR, TIM8_CH1N, SPI1_SCK/I2S1_CK, OTG_HS_ULPI_CK, EVENTOUT ADC1_IN5, ADC2_IN5, DAC_OUT2 Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F732xx STM32F733xx |