| 전자부품 데이터시트 검색엔진 |
|
STM32F732ICT7 데이터시트(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732ICT7 데이터시트(HTML) 72 Page - STMicroelectronics |
|
72 / 122 page ![]() 44 70 103 C15 122 C1 C15 C12 103 122 PA11 I/O FT - TIM1_CH4, USART1_CTS, CAN1_RX, OTG_FS_DM, EVENTOUT - 45 71 104 B15 123 B2 B15 B12 104 123 PA12 I/O FT - TIM1_ETR, USART1_RTS, SAI2_FS_B, CAN1_TX, OTG_FS_DP, EVENTOUT - 46 72 105 A15 124 B1 A15 A12 105 124 PA13(JTMS- SWDIO) I/O FT - JTMS-SWDIO, EVENTOUT - - 73 106 F13 125 B3 F13 G9 106 125 VCAP_2 S - - - - 47 74 107 F12 126 A2 F12 G10 107 126 VSS S - - - - 48 75 108 G13 127 A1 G13 F9 108 127 VDD S - - - - - - - E12 128 - E12 - - 128 PH13 I/O FT - TIM8_CH1N, UART4_TX, CAN1_TX, FMC_D21, EVENTOUT - - - - E13 129 - E13 - - 129 PH14 I/O FT - TIM8_CH2N, UART4_RX, CAN1_RX, FMC_D22, EVENTOUT - - - - D13 130 - D13 - - 130 PH15 I/O FT - TIM8_CH3N, FMC_D23, EVENTOUT - Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F732xx STM32F733xx |