| 전자부품 데이터시트 검색엔진 |
|
STM32F732ICT7 데이터시트(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732ICT7 데이터시트(HTML) 78 Page - STMicroelectronics |
|
78 / 122 page ![]() 58 92 136 B6 164 D7 B6 C6 136 164 PB6 I/O FT - TIM4_CH1, I2C1_SCL, USART1_TX, QUAD SPI_BK1_NCS, FMC_SDNE1, EVENTOUT - 59 93 137 B5 165 B8 B5 D6 137 165 PB7 I/O FT - TIM4_CH2, I2C1_SDA, USART1_RX, FMC_NL, EVENTOUT - 60 94 138 D6 166 A7 D6 D5 138 166 BOOT I B - - VPP 61 95 139 A5 167 C8 A5 C5 139 167 PB8 I/O FT - TIM4_CH3, TIM10_CH1, I2C1_SCL, CAN1_RX, SDMMC2_D4, SDMMC1_D4, EVENTOUT - 62 96 140 B4 168 D8 B4 B5 140 168 PB9 I/O FT - TIM4_CH4, TIM11_CH1, I2C1_SDA, SPI2_NSS/I2S2_WS, CAN1_TX, SDMMC2_D5, SDMMC1_D5, EVENTOUT - Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F732xx STM32F733xx |