| 전자부품 데이터시트 검색엔진 |
|
STM32F779IIY6 데이터시트(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779IIY6 데이터시트(HTML) 67 Page - STMicroelectronics |
|
67 / 255 page ![]() DocID028294 Rev 4 67/255 STM32F777xx STM32F778Ax STM32F779xx Pinouts and pin description 105 - 19 K1 25 28 K1 NC 25 28 K1 PF7 I/O FT - TIM11_CH1, SPI5_SCK, SAI1_MCLK_B, UART7_TX, QUADSPI_BK1_IO2, EVENTOUT ADC3_IN5 - 20 L3 26 29 L3 NC 26 29 L3 PF8 I/O FT - SPI5_MISO, SAI1_SCK_B, UART7_RTS, TIM13_CH1, QUADSPI_BK1_IO0, EVENTOUT ADC3_IN6 - 21 L2 27 30 L2 NC 27 30 L2 PF9 I/O FT - SPI5_MOSI, SAI1_FS_B, UART7_CTS, TIM14_CH1, QUADSPI_BK1_IO1, EVENTOUT ADC3_IN7 - 22 L1 28 31 L1 K11 28 31 L1 PF10 I/O FT - QUADSPI_CLK, DCMI_D11, LCD_DE, EVENTOUT ADC3_IN8 12 23 G1 29 32 G1 K12 29 32 G1 PH0- OSC_IN I/O FT (3) EVENTOUT OSC_IN 13 24 H1 30 33 H1 K13 30 33 H1 PH1- OSC_OU T I/O FT (3) EVENTOUT OSC_OUT 14 25 J1 31 34 J1 L11 31 34 J1 NRST I/O RS T -- - 15 26 M2 32 35 M2 L12 32 35 M2 PC0 I/O FT - DFSDM1_CKIN0, DFSDM1_DATIN4, SAI2_FS_B, OTG_HS_ULPI_STP, FMC_SDNWE, LCD_R5, EVENTOUT ADC1_IN10, ADC2_IN10, ADC3_IN10 16 27 M3 33 36 M3 L13 33 36 M3 PC1 I/O FT - TRACED0, DFSDM1_DATIN0, SPI2_MOSI/I2S2_SD, SAI1_SD_A, DFSDM1_CKIN4, ETH_MDC, MDIOS_MDC, EVENTOUT ADC1_IN11, ADC2_IN11, ADC3_IN11, RTC_TAMP 3/WKUP3 Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F777xx STM32F778Ax STM32F779xx |