| 전자부품 데이터시트 검색엔진 |
|
STM32F779IIY6 데이터시트(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779IIY6 데이터시트(HTML) 68 Page - STMicroelectronics |
|
68 / 255 page ![]() Pinouts and pin description STM32F777xx STM32F778Ax STM32F779xx 68/255 DocID028294 Rev 4 17 28 M4 34 37 M4 NC 34 37 M4 PC2 I/O FT - DFSDM1_CKIN1, SPI2_MISO, DFSDM1_CKOUT, OTG_HS_ULPI_DIR, ETH_MII_TXD2, FMC_SDNE0, EVENTOUT ADC1_IN12, ADC2_IN12, ADC3_IN12 18 29 M5 35 38 L4 NC 35 38 L4 PC3 I/O FT - DFSDM1_DATIN1, SPI2_MOSI/I2S2_SD, OTG_HS_ULPI_NXT, ETH_MII_TX_CLK, FMC_SDCKE0, EVENTOUT ADC1_IN13, ADC2_IN13, ADC3_IN13 - 30 - 36 39 J5 - 36 39 J5 VDD S - - - - - - - - - J6 - - - J6 VSS S - - - - 19 31 M1 37 40 M1 M11 37 40 M1 VSSA S - - - - - - N1 - - N1 - - - N1 VREF- S - - - - 20 32 P1 38 41 P1 - 38 41 P1 VREF+ S - - - - 21 33 R1 39 42 R1 M12 39 42 R1 VDDA S - - - - 22 34 N3 40 43 N3 M13 40 43 N3 PA0- WKUP I/O FT (4) TIM2_CH1/TIM2_ETR, TIM5_CH1, TIM8_ETR, USART2_CTS, UART4_TX, SAI2_SD_B, ETH_MII_CRS, EVENTOUT ADC1_IN0, ADC2_IN0, ADC3_IN0, WKUP1 23 35 N2 41 44 N2 J11 41 44 N2 PA1 I/O FT - TIM2_CH2, TIM5_CH2, USART2_RTS, UART4_RX, QUADSPI_BK1_IO3, SAI2_MCLK_B, ETH_MII_RX_CLK/ETH_R MII_REF_CLK, LCD_R2, EVENTOUT ADC1_IN1, ADC2_IN1, ADC3_IN1 Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F777xx STM32F778Ax STM32F779xx |