전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MDF18N50 데이터시트(PDF) 1 Page - MagnaChip Semiconductor.

부품명 MDF18N50
상세설명  N-Channel MOSFET 500V, 18 A, 0.27(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MGCHIP [MagnaChip Semiconductor.]
홈페이지  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF18N50 데이터시트(HTML) 1 Page - MagnaChip Semiconductor.

  MDF18N50 Datasheet HTML 1Page - MagnaChip Semiconductor. MDF18N50 Datasheet HTML 2Page - MagnaChip Semiconductor. MDF18N50 Datasheet HTML 3Page - MagnaChip Semiconductor. MDF18N50 Datasheet HTML 4Page - MagnaChip Semiconductor. MDF18N50 Datasheet HTML 5Page - MagnaChip Semiconductor. MDF18N50 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dec 2009. Version 1.4
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
500
V
Drain-Source Voltage @ Tjmax
VDSS @ Tjmax
550
V
Gate-Source Voltage
VGSS
±30
V
TC=25
oC
18
A
Continuous Drain Current (※)
TC=100
oC
ID
11
A
Pulsed Drain Current
(1)
IDM
72
A
TC=25
oC
37
Power Dissipation
Derate above 25
oC
PD
0.29
W
W/
oC
Peak Diode Recovery dv/dt
(3)
Dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
950
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
※ Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
Thermal Resistance, Junction-to-Case
(1)
RθJC
3.4
oC/W
MDF18N50
N-Channel MOSFET 500V, 18 A, 0.27Ω
General Description
The
MDF18N50
uses
advanced
MagnaChip’s
MOSFET
Technology, which provides low on-state resistance, high
switching performance and excellent quality.
MDF18N50 is suitable device for SMPS, high speed switching
and general purpose applications.
Features
VDS = 500V
VDS = 550V
@ Tjmax
ID = 18A
@VGS = 10V
RDS(ON) ≤ 0.27
@VGS = 10V
Applications
Power Supply
PFC
High Current, High Speed Switching
D
G
S
S
D
G


유사한 부품 번호 - MDF18N50

제조업체부품명데이터시트상세설명
logo
MagnaChip Semiconductor...
MDF18N50B MGCHIP-MDF18N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 18.0 A, 0.27(ohm)
MDF18N50BTH MGCHIP-MDF18N50BTH Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 18.0 A, 0.27(ohm)
More results

유사한 설명 - MDF18N50

제조업체부품명데이터시트상세설명
logo
MagnaChip Semiconductor...
MDD3N50G MGCHIP-MDD3N50G Datasheet
1Mb / 6P
N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
MDD5N50G MGCHIP-MDD5N50G Datasheet
773Kb / 6P
N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDF3N50 MGCHIP-MDF3N50 Datasheet
769Kb / 6P
N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDP7N50 MGCHIP-MDP7N50 Datasheet
741Kb / 6P
N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
MDP9N50B MGCHIP-MDP9N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
MDP16N50G MGCHIP-MDP16N50G Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 16.0 A, 0.35(ohm)
MDP18N50 MGCHIP-MDP18N50 Datasheet
1Mb / 6P
N-Channel MOSFET 500V, 18.0 A, 0.27(ohm)
MDP18N50B MGCHIP-MDP18N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 18.0 A, 0.27(ohm)
MDQ18N50G MGCHIP-MDQ18N50G Datasheet
975Kb / 6P
N-Channel MOSFET 500V, 20.0A, 0.27(ohm)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com