전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MDF18N50 데이터시트(PDF) 4 Page - MagnaChip Semiconductor.

부품명 MDF18N50
상세설명  N-Channel MOSFET 500V, 18 A, 0.27(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MGCHIP [MagnaChip Semiconductor.]
홈페이지  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF18N50 데이터시트(HTML) 4 Page - MagnaChip Semiconductor.

  MDF18N50 Datasheet HTML 1Page - MagnaChip Semiconductor. MDF18N50 Datasheet HTML 2Page - MagnaChip Semiconductor. MDF18N50 Datasheet HTML 3Page - MagnaChip Semiconductor. MDF18N50 Datasheet HTML 4Page - MagnaChip Semiconductor. MDF18N50 Datasheet HTML 5Page - MagnaChip Semiconductor. MDF18N50 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dec 2009. Version 1.4
MagnaChip Semiconductor Ltd
.
4
Fig.7 Gate Charge Characteristics
Fig.8 Capacitance Characteristics
Fig.9 Maximum Safe Operating Area
Fig.10 Maximum Drain Current vs. Case
Temperature
Fig.11 Transient Thermal Response Curve
Fig.12 Single Pulse Maximum Power
Dissipation
0
10
20
30
40
50
0
2
4
6
8
10
100V
250V
400V
Note : I
※
D = 11.5A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
10 µs
100 µs
100 ms
DC
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
Single Pulse
T
J=Max rated
T
C=25
℃
V
DS, Drain-Source Voltage [V]
1E-5
1E-4
1E-3
0.01
0.1
1
0
3000
6000
9000
12000
single Pulse
R
thJC = 3.4
/W
℃
T
C = 25
℃
Pulse Width (s)
25
50
75
100
125
150
0
2
4
6
8
10
12
14
16
18
20
T
C, Case Temperature [
]
℃
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
Notes :
※
Duty Factor, D=t
1/t2
PEAK T
J = PDM * Zθ JC* Rθ JC
(t) + T
C
R
Θ JC
=3.4 /W
℃
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Rectangular Pulse Duration [sec]
0.1
1
10
0
1000
2000
3000
4000
5000
6000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes ;
※
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com