전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST6G3244ME 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 ST6G3244ME
상세설명  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244ME 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button ST6G3244ME Datasheet HTML 19Page - STMicroelectronics ST6G3244ME Datasheet HTML 20Page - STMicroelectronics ST6G3244ME Datasheet HTML 21Page - STMicroelectronics ST6G3244ME Datasheet HTML 22Page - STMicroelectronics ST6G3244ME Datasheet HTML 23Page - STMicroelectronics ST6G3244ME Datasheet HTML 24Page - STMicroelectronics ST6G3244ME Datasheet HTML 25Page - STMicroelectronics ST6G3244ME Datasheet HTML 26Page - STMicroelectronics ST6G3244ME Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
ST6G3244ME
Tape and reel information
Doc ID 022157 Rev 2
25/27
10
Tape and reel information
Figure 13.
Pin 1 orientation in tape
AM07567
Top view
of package -
balls underneath.
Pin 1 marked from
target specification.
Direction of flow
In accordance to EIA 481-C-2003
25 pin BGA 5 x 5 square device in quadrant 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27